Part Number Hot Search : 
B1100 82FKE BSF68G57 A1152 25X32 KK3480 040N06 190BX251
Product Description
Full Text Search
 

To Download SPE051110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2010/06/23 ver.7 page 1 spe0511 single-line esd protection array description applications the spe0511 are designed by tvs device that is to protect sensitive electronics from damage or latch-up due to esd. they are designed for use in applications where board space is at a premium. spe0511 will protect single line, and may be used on line where the signal polarities swing above and below ground. spe0511 offer desirable characteristics for board level protection including fast response time, low operating and clamping voltage, and no device degradation. spe0511 may be used to meet the immunity requirements of iec 61000-4-2, level 4. the small sod-523 package makes them ideal for use in portable electronics such as cell phones, pda?s, notebook computers, and digital cameras. ? cellular handsets and accessories ? cordless phone ? pda ? notebooks and handhelds ? portable instrumentation ? digital cameras ? mp3 player features pin configuration ( sod-523 ) part marking ? transient protection for data lines to iec 61000-4-2 (esd) 15kv (air), 8kv (contact) iec 61000-4-4 (eft) 40a (5/50ns) ? protects single i/o lines ? working voltage: 5v ? low leakage current ? low operating and clamping voltages
2010/06/23 ver.7 page 2 spe0511 single-line esd protection array ordering information part number package part marking spe0511d52rg sod-523 1 spe0511d52rg : tape reel ; pb ? free absoulte maximum ratings (t a =25 unless otherwise noted) parameter symbol typical unit peak pulse power ( tp = 8/20 s ) ppk 250 w maximum peak pulse current ( tp = 8/20 s ) ipp 7 a esd per iec 61000 ? 4 ? 2 (air ) vpp 15 kv esd per iec 61000 ? 4 ? 2 (contact ) vpp 8 kv operating junction temperature t j -55 ~ 125 storage temperature range t stg -55 ~ 150 lead soldering temperature t l 260 ( 10sec ) electrical characteristics (t a =25 unless otherwise noted) parameter symbol conditions min. typ max. unit reverse stand ? off voltage v rwm 5 v reverse breakdown voltage v br it = 1ma 6 v reverse leakage current i r v rwm = 5v , t=25 0.01 1 a reverse leakage current i r v rwm = 3v , t=25 0.01 0.5 a clamping voltage v c ipp = 1a , tp = 8/20 s 11 v clamping voltage v c ipp = 7a , tp = 8/20 s 15 v junction capacitance cj between i/o pin and gnd v r = 0v , f = 1mhz 10 20 pf
2010/06/23 ver.7 page 3 spe0511 single-line esd protection array typical characteristics clamping voltage (ipp = 1a , tp = 8/20 s ) clamping voltage (ipp = 7a , tp = 8/20 s )
2010/06/23 ver.7 page 4 spe0511 single-line esd protection array typical characteristics fig 1 : junction capacitance v.s reverse voltage applied fig 2 : peak plus power v.s exponential plus duration fig 3 : relative variation of peal plus power v.s fig 4 : forward voltage drop v.s peak forward current initial junction temperature
2010/06/23 ver.7 page 5 spe0511 single-line esd protection array sod-523 package outline
2010/06/23 ver.7 page 6 spe0511 single-line esd protection array information provided is alleged to be exact and consistent. sync power corporation presumes no responsibility for the penalties of use of such information or for any violation of pa tents or other rights of third parties which may result from its use. no license is granted by allegation or otherwise under any pate nt or patent rights of sync power corporation. conditions mentioned in this publication ar e subject to change without notice. this p ublication surpasses and replaces all information previously supplied. sync power corporation products are not authorized for use as critical components in life support devices or systems without express written approval of sync power corporation. ?the sync power logo is a registered trademark of sync power corporation ?2004 sync power corporation ? printed in taiwan ? all rights reserved sync power corporation 7f-2, no.3-1, park street nankang district (nksp), taipei, taiwan, 115, r.o.c phone: 886-2-2655-8178 fax: 886-2-2655-8468 ?http://www.syncpower.com


▲Up To Search▲   

 
Price & Availability of SPE051110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X